Part Number Hot Search : 
M29LV0 MSZ52 MC14067B 500211 01901 BRCD3470 IRKT1 MBM75F12
Product Description
Full Text Search
 

To Download MAX11014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX11014/max11015 set and control bias condi- tions for dual mesfet power devices found in point-to- point communication and other microwave base stations. the MAX11014 integrates complete dual ana- log closed-loop drain-current controllers for class a mesfet amplifier operation while the max11015 tar- gets class ab operation. both devices integrate sram lookup tables (luts) that can be used to store temper- ature and drain-current compensation data. each device includes dual high-side current-sense amplifiers to monitor the mesfet drain currents through the voltage drop across the sense resistors in the range of 0mv to 625mv. external diode-connected transistors monitor the mesfet temperatures while an internal temperature sensor measures the local die tem- perature of the MAX11014/max11015. the internal dac sets the voltages across the current-sense resis- tors by controlling the gate voltages. the internal 12- bit sar adc digitizes internal and external temperature, internal dac voltages, current-sense amplifier voltages and external gate voltages. two of the 11 adc channels are available as general-purpose analog inputs for analog system monitoring. the MAX11014? gate-drive amplifier functions as an integrator for the class a drain-current control loop while the max11015? gate-drive amplifier functions with a gain of -2 for class ab applications. the current- limited gate-drive amplifier can be fast clamped to an external voltage independent of the digital input from the serial interface. both the MAX11014 and the max11015 include selfcalibration modes to minimize error over time, temperature, and supply voltage. the MAX11014/max11015 feature an internal reference and can operate from separate adc and dac external references. the internal reference provides a well-regu- lated, low-noise +2.5v reference for the adc, dac, and temperature sensors. these integrated circuits operate from a 4-wire 20mhz spi-/microwire-compatible or 3.4mhz i 2 c*-compatible serial interface (pin-selec- table). both devices operate from a +4.75v to +5.25v analog supply (2.8ma typical supply current), a +2.7v to +5.25v digital supply (1.5ma typical supply current), and -4.5v to -5.5v negative supplies (1.1ma supply current). the MAX11014/max11015 are available in a 48-pin thin qfn package specified over the -40? to +105? temperature range. purchase of i 2 c components from maxim integrated products, inc. or one of its sublicensed associated companies, conveys a license under the phillips i 2 c patent rights to use these com- ponents in an i 2 c system, provided that the system conforms to the i 2 c standard specification as defined by phillips. features ? dual drain-current-sense gain amplifier preset gain of 4 0.5% accuracy for sense voltages between 75mv and 625mv (MAX11014) ? common-mode sense-resistor voltage range 0.5v to 11v (MAX11014) 5v to 32v (max11015) ? low-noise output gate bias with 10ma gate drive ? fast clamp and power-on reset ? 12-bit dac controls mesfet gate voltage ? internal temperature sensor/dual remote diode temperature sensors ? internal 12-bit adc measures temperature and voltage ? pin-selectable serial interface 3.4mhz i 2 c-compatible interface 20mhz spi-compatible interface MAX11014/max11015 automatic rf mesfet amplifier drain-current controllers ________________________________________________________________ maxim integrated products 1 part temp range pin- package pkg code amplifier MAX11014 bgtm+ -40? to +105? 48 thin qfn t4877-6 class a max11015 bgtm+* -40? to +105? 48 thin qfn t4877-6 class ab ordering information applications xx-xxxx; rev 0; 10/05 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. spi is a trademark of motorola, inc. microwire is a trademark of national semiconductor corp. + denotes a lead-free package. * future product?ontact factory for availability. pin configuration and typical operating circuit appear at end of data sheet. cellular base-station rf mesfet bias controllers point-to-point or point-to-multipoint links industrial process control


▲Up To Search▲   

 
Price & Availability of MAX11014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X